Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download XC6416AG21ER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6416 Series
Dual LDO Voltage Regulator with "GreenOperation"
JTR0333-006
GENERAL DESCRIPTION
GreenOperation Compatible
The XC6416 series is a high accurate, low noise, high ripple rejection, and low dropout CMOS Dual regulator with GreenOperation function. The series includes a reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit. GreenOperation function provides high speed operation, low power consumption and high efficiencies by automatically switching between a high speed mode (HS) and a power save mode (PS) depending on the load current level. The switching point of the GreenOperation to the output current is being fixed inside the IC, thus providing operating conditions with the most suitable level of supply current for the application. The USP-6C package has GO pin. If a high level singal is input to the GO pin, the XC6416 can be used as a high speed fixed mode regulator. The EN function turns each output of the two regulators independently. In this state, the electric charge at the output capacitor (CL) is discharged via the internal auto-discharge switch, and as a result the VOUT voltage quickly returns to the VSS level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. Output voltage is selectable in 0.05V increments within a range of 0.8V ~4.0V, using laser trimming technologies. The series includes a fold-back circuit, which aids the operation of the current limiter and circuit protection.
APPLICATIONS
Mobile phones Cordless phones, wireless communication equipment Portable games Cameras, video recorders Portable audio equipment PDAs
FEATURES
: 200mA (300mA limit, TYP.) : 95mV@IOUT=100mA, VOUT=3.0V : 1.5V~6.0V : 0.8V~4.0V (0.05V increments) : 1% 0.02V @ VOUT 1.95V 2% 0.03V @ VOUT 1.45V 3% 0.06V @ VOUT 1.95V Low Power Consumption : 5 A/ch @ PS mode (TYP.) 28 A/ch @ HS mode (TYP.) Stand-by Current : Less than 0.1 A Ripple Rejection Rate : 60dB @ 1kHz Operating Temperature Range: - 40OC ~ 85OC Low ESR Capacitor : 1.0 F Ceramic Capacitor Compatible Small Packages : USP-6C, SOT-26 Maximum Output Current Dropout Voltage Operating Voltage Range Output Voltage Range High Output Accuracy
TYPICAL APPLICATION CIRCUITS
TYPICAL PERFORMANCE CHARACTERISTICS
Load Transient Response
1/30
XC6416 Series
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER SOT-26 1 2 3 4 5 6 USP-6C 3 2 1 5 7 4 6 PIN NAME EN1 VIN EN2 VOUT2 VSS VOUT1 GO ON/OFF Control 1 Power Input ON/OFF Control 2 Output 2 Ground Output 1 GreenOperation Mode Switching Pin FUNCTION
2/30
XC6416
Series
PRODUCT CLASSIFICATION
Ordering Information
XC6416 SYMBOL DESCRIPTION SYMBOL A B C D E F G H A B C D E F G H 01~ MR ER DESCRIPTION Output accuracy 1%, SOT-26 Auto GO, No CL discharge Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge Output accuracy 1%, USP-6C GO selection pin, No CL discharge Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge Output accuracy 2%, SOT-26 Auto GO, No CL discharge Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge Output accuracy 2%, USP-6C GO selection pin, No CL discharge Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge Output accuracy 1%, SOT-26 Auto GO, No CL discharge Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge Output accuracy 1%, USP-6C GO selection pin, No CL discharge Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge Output accuracy 2%, SOT-26 Auto GO, No CL discharge Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge Output accuracy 2%, USP-6C GO selection pin, No CL discharge Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge Internally set sequential number (refer to the table below) Regulator 1 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments) Regulator 2 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments) SOT-26 USP-6C
Type of Regulator EN1= High Active
Type of Regulator EN2= High Active
Two Output Voltage Combination Packages (*1) Taping Type
(*1)
The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or representative. (Standard orientation: R- , Reverse orientation: L- )
DESIGNATOR
VR1 01 02 03 04 05 06 07 08 09 10 1.80 1.20 1.80 1.50 2.85 1.80 3.00 2.80 1.20 1.10 VR2 2.80 2.90 1.80 2.70 2.85 3.30 3.00 1.80 1.20 1.30 11 12 13 14 15 16 17 18 19 20 VR1 1.30 2.80 2.50 3.00 1.20 2.80 3.30 3.10 2.80 1.30 VR2 1.50 2.80 3.30 3.30 1.80 3.30 3.30 3.10 1.50 2.80 21 22 23 24 25 26 27 28 29 31 VR1 1.50 1.80 1.85 1.85 2.60 1.50 2.00 3.30 3.30 1.20 VR2 2.80 3.00 2.80 3.30 2.80 1.50 3.00 1.80 1.75 2.80
*For other output voltage combinations, please consult to Torex sales offices.
3/30
XC6416 Series
BLOCK DIAGRAMS
< XC6416AA Series >
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
< XC6416CD Series >
ABSOLUTE MAXIMUM RATINGS
Ta=25OC
PARAMETER Input Voltage Output Current Output Voltage 1 / Output Voltage 2 EN1 / EN2 Input Voltage Power Dissipation USP-6C
SYMBOL VIN IOUT1+IOUT2 VOUT1 /VOUT2 VEN1 /VEN2 Pd Topr Tstg
SOT-26 Operating Temperature Range Storage Temperature Range
RATINGS - 0.3 ~ + 6.5 500 (*1) VSS - 0.3 VIN + 0.3 VSS - 0.3 ~ + 6.5 120 (*2) 1000 (PCB mounted) 250 - 40 ~ + 85 - 55 ~ + 125
UNITS V mA V V mW
*1) Please use within the range of Pd > { (VIN-VOUT1)xIOUT1 + (VIN-VOUT2)xIOUT2 } *2) This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 29 for details.
4/30
XC6416
Series
ELECTRICAL CHARACTERISTICS
XC6416A/B/E/F Series PARAMETER Regulator 1, Regulator 2 SYMBOL CONDITIONS VOUT(T) 2.0V, (A/B Series) VEN=VIN, IOUT=10mA VOUT(T) 1.95V, (A/B Series) VEN=VIN, IOUT=10mA VOUT(T) 1.5V E/F Series) VEN=VIN, IOUT=10mA VOUT(T) 1.45V E/F Series) VEN=VIN, IOUT=10mA VOUT(T) 2.0V, VEN=VIN, IOUT=0.1mA VOUT 1.95V, VEN=VIN, IOUT=0.1mA VEN=VIN, 10mA IOUT 100mA MIN. x0.99
(*3)
Ta=25 TYP. MAX. x1.01
(*3)
UNITS CIRCUITS
- 0.02
(*3)
+ 0.02 VOUT(T)
(*4) (*3)
Output Voltage 1 (HS*)
VOUT1(E)(*2)
x0.98
(*3)
x1.02
(*3)
V
- 0.03
(*3)
+ 0.03
(*3)
x0.97
(*3)
x1.03 VOUT(T)
(*4) (*3)
Output Voltage 2 (PS*)
VOUT2(E)(*2)
- 0.06
(*3)
+ 0.06
(*3)
V
Output Current Load Regulation Dropout Voltage
(*5)
IOUTMAX VOUT Vdif ISS1 ISS2 ISTBY VOUT/ (VIN VOUT) VIN VOUT/ (Ta VOUT) PSRR ILIM ISHORT IGOR IGO IGOhys tDPS VENH VENL IENH IENL
(*8)
200 IOUT=100mA, VEN=VIN VIN=VEN=VOUT(T)+1.0V, VIN=VEN= VOUT(T)+1.0V, VIN=6.0V, VEN=VSS VOUT(T)+0.5V VIN 6.0V VOUT(T) 1.0V, VEN=VIN, IOUT=10mA 1.5V VIN 6.0V VOUT(T) 0.95V, VEN=VIN, IOUT=10mA VEN=VIN, IOUT=30mA -40 Ta 85 VIN= VOUT(T)+1.0 VDC+0.5Vp-pAC VEN=VIN VEN=VIN, Short VOUT to VSS level VEN=VIN, IOUT=Heavy to light load VEN=VIN, IOUT=Light to heavy load IGOhys=IGO-IGOR VEN=VIN, 1.2 VEN=VIN VEN=VSS VIN=6.0V, VOUT=4.0V, VEN=VSS -0.1 -0.1
E-1 E-2 28 5.0 0.01
-
mA mV mV
Supply Current 1 (HS*) Supply Current 2 (PS*) Stand-by Current
60 12 0.1
A A A
Line Regulation 1 (HS*)
-
0.01
0.2
%/V
Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Limit Current Short Current PS Switching Current HS Switching Current Switching Current Hysteresis PS Switching Delay Time EN High Level Voltage EN Low Level Voltage EN High Level Current EN Low Level Current CL Discharge Resistance
1.5 210 0.25
100 60 300 20 1.5 4 2.5 E-3
6.0 7.5
V ppm/ dB mA mA mA mA mA s
6 0.3 0.1 0.1 550
V V A A
RDCHG
NOTE: *HS: High Speed Mode, PS: Power Save Mode *1: Unless otherwise stated, VIN=VOUT (T) +1.0V. *2: VOUT (E)= Nominal output voltage (see the voltage chart) (ie. The output voltage when VOUT (T) +1.0V is provided at the VIN pin while maintaining a certain IOUT value. *3 : Characteristics of the effective VOUT(E) by nominal output voltage is shown in the voltage chart. *4 : VOUT(T) : Nominal output voltage (*7) (*6) *5: Vdif {VIN1 VOUT1 } *6: VOUT1: A voltage equal to 98% of the VOUT (T) when an amply stabilized VOUT (T) +1.0V is input. *7: VIN1: The input voltage when the VOUT1 voltage appears at the VOUT pin during decreasing input voltage gradually. *8: For XC6416xB/Bx/xF/Fx series only. XC6416xA/Ax/xE/Ex series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS. *9: When each channel is measured, the other channel is turned off (VEN=VSS).
5/30
XC6416 Series
ELECTRICAL CHARACTERISITCS (Continued)
XC6416C/D/G/H Series Regulator 1, Regulator 2
PARAMETER SYMBO CONDITIONS VOUT(T) 2.0V, (C/D Series) VEN=VIN, IOUT=10mA VOUT 1.95V, (C/D Series) VEN=VIN, IOUT=10mA VOUT(T) 1.5V G/H Series) VEN=VIN, IOUT=10mA VOUT 1.45V G/H Series) VEN=VIN, IOUT=10mA VOUT(T) 2.0V,VEN=VIN, IOUT=0.1mA VOUT 1.95V,VEN=VIN, IOUT=0.1mA VEN=VGO=VIN, IOUT=100mA, VEN=VGO=VIN VIN=VEN=VGO=VOUT(T)+1.0V, VIN=VEN=VOUT(T)+1.0V, VIN=6.0V, VEN=VSS VOUT(T)+0.5V VIN 6.0V VOUT(T) 1.0V, VEN=VGO=VIN, IOUT=10mA 1.5V VIN 6.0V VOUT(T) 0.95V, VEN=VGO=VIN, OUT=10mA VEN=VGO=VIN, IOUT=30mA, -40 Ta +85 VIN= VOUT(T)+1.0 VDC+0.5Vp-pAC VEN=VGO=VIN VEN=VGO=VIN, VEN=VIN, VGO=VSS VEN=VIN, VGO=VSS IGOhys=IGO-IGOR VEN=VIN, VGO=VSS MIN. x0.99
(*3)
Ta=25 TYP. MAX. x1.01
(*3)
UNITS
CIRCUIT
-0.02
(*3)
+0.02 VOUT(T)
(*4) (*3)
Output Voltage 1(HS*)
VOUT1(E)(*2)
x0.98
(*3)
x1.02
(*3)
V
-0.03
(*3)
+0.03
(*3)
x0.97
(*3) (*3)
Output Voltage 2 (PS*) Output Current Load Regulation Dropout Voltage (*5) Supply Current 1 (HS*) Supply Current 2 (PS*) Stand-by Current
VOUT2(E)(*2) IOUTMAX VOUT Vdif ISS1 ISS2 ISTBY VOUT/ (VIN VOUT) VIN
VOUT(T)
(*4)
x1.03
(*3) (*3)
-0.06 200
+0.06 -
V mA mV mV
E-1 E-2 28 5.0 0.01
60 12 0.1
A A A
Line Regulation 1 (HS*)
-
0.01
0.2
%/V
Input Voltage
1.5 210 0.25 1.2 VEN=VGO=VIN=6.0V VIN=6.0V, VEN=VGO=VSS VEN=VIN, IOUT=0mA VEN=VIN, IOUT=0mA VEN=VGO=VIN=6.0V VIN=6.0V, VEN=VGO=VSS VIN=6.0V, VOUT=4.0V, VEN=VSS -0.1 -0.1 1.2 -0.1 -0.1 -
100 60 300 20 1.5 4 2.5 E-3 550
6.0 7.5 6 0.3 0.1 0.1 6 0.3 0.1 0.1 -
V ppm/ dB mA mA mA mA mA s V V A A V V A A
Output Voltage VOUT/ Temperature Characteristics (Ta VOUT) Ripple Rejection Rate Limit Current Short Circuit Current PS Switching Current HS Switching Current Switching Current Hysteresis PS Switching Delay Time EN High Level Voltage EN Low Level Voltage EN High Level Current EN Low Level Current GO High Level Voltage GO Low Level Voltage GO High Level Current GO Low Level Current CL Discharge Resistor (*8) PSRR ILIM ISHORT IGOR IGO IGOhys tDPS VENH VENL IENH IENL VGOH VGOL IGOH IGOL RDCHG
6/30
NOTE: *HS: High Speed Mode, PS: Power Save Mode *1: Unless otherwise stated, VIN=VOUT (T) +1.0V. *2: VOUT( E)= Nominal output voltage (see the voltage chart) (ie. The output voltage when VOUT (T) +1.0V is provided at the VIN pin while maintaining a certain IOUT value. *3 : Characteristics of the effective VOUT(E) by nominal output voltage is shown in the voltage chart. *4 : VOUT(T) : Nominal output voltage (*7) (*6) *5: Vdif {VIN1 VOUT1 } *6: VOUT1: A voltage equal to 98% of the VOUT (T) when an amply stabilized VOUT ( T) +1.0V is input. *7: VIN1: The input voltage when the VOUT1 voltage appears at the VOUT pin during deceasing input voltage gradually. *8: For XC6416xD/Dx/xH/Hx series only. XC6416xC/Cx/xG/Gx series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS. *9: When each channel is measured, the other channel is turned off (VEN=VSS).
XC6416
Series
ELECTRICAL CHARACTERISTICS (Continued)
Output Voltage Table
NOMINAL OUTPUT OUTPUT VOLTAGE VOLTAGE 1% IN HS MODE (V) (V) VOUT1(E) VOUT(T) MIN. MAX. 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 0.7800 0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5300 1.5800 1.6300 1.6800 1.7300 1.7800 1.8300 1.8800 1.9300 1.9800 2.0295 2.0790 2.1285 2.1780 2.2275 2.2770 2.3265 2.3760 2.4255 2.4750 2.5245 2.5740 2.6235 2.6730 2.7225 2.7720 2.8215 2.8710 2.9205 0.8200 0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5200 1.5700 1.6200 1.6700 1.7200 1.7700 1.8200 1.8700 1.9200 1.9700 2.0200 2.0705 2.1210 2.1715 2.2220 2.2725 2.3230 2.3735 2.4240 2.4745 2.5250 2.5755 2.6260 2.6765 2.7270 2.7775 2.8280 2.8785 2.9290 2.9795 OUTPUT VOLTAGE 2% IN PS MODE (V) VOUT1(E) MIN. 0.7700 0.8200 0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5190 1.5680 1.6170 1.6660 1.7150 1.7640 1.8130 1.8620 1.9110 1.9600 2.0090 2.0580 2.1070 2.1560 2.2050 2.2540 2.3030 2.3520 2.4010 2.4500 2.4990 2.5480 2.5970 2.6460 2.6950 2.7440 2.7930 2.8420 2.8910 MIN. 0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5300 1.5810 1.6320 1.6830 1.7340 1.7850 1.8360 1.8870 1.9380 1.9890 2.0400 2.0910 2.1420 2.1930 2.2440 2.2950 2.3460 2.3970 2.4480 2.4990 2.5500 2.6010 2.6520 2.7030 2.7540 2.8050 2.8560 2.9070 2.9580 3.0090 OUTPUT VOLTAGE 3% IN PS MODE (V) VOUT2(E) MIN. 0.7400 0.7900 0.8400 0.8900 0.9400 0.9900 1.0400 1.0900 1.1400 1.1900 1.2400 1.2900 1.3400 1.3900 1.4400 1.4900 1.5400 1.5900 1.6400 1.6900 1.7400 1.7900 1.8400 1.8900 1.9400 1.9885 2.0370 2.0855 2.1340 2.1825 2.2310 2.2795 2.3280 2.3765 2.4250 2.4735 2.5220 2.5705 2.6190 2.6675 2.7160 2.7645 2.8130 2.8615 MAX. 0.8600 0.9100 0.9600 1.0100 1.0600 1.1100 1.1600 1.2100 1.2600 1.3100 1.3600 1.4100 1.4600 1.5100 1.5600 1.6100 1.6600 1.7100 1.7600 1.8100 1.8600 1.9100 1.9600 2.0100 2.0600 2.1115 2.1630 2.2145 2.2660 2.3175 2.3690 2.4205 2.4720 2.5235 2.5750 2.6265 2.6780 2.7295 2.7810 2.8325 2.8840 2.9355 2.9870 3.0385 LOAD REGULATION E-1 (mV) VOUT TYP. 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 MAX. 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 TYP. 500 500 410 410 360 360 330 330 280 280 240 240 200 200 180 180 170 170 170 170 150 150 150 150 150 150 150 150 120 120 120 120 120 120 110 110 110 110 110 110 95 95 95 95 DROPOUT VOLTAGE E-2 (mV) Vdif MAX. 850 850 750 750 600 600 500 500 420 420 360 360 300 300 260 260 240 240 240 240 200 200 200 200 200 200 200 200 180 180 180 180 180 180 180 180 180 180 180 180 150 150 150 150 TYP. 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 PS SWITCHING DELEAY TIME E-3 ( s) tDPS MAX. 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
7/30
XC6416 Series
ELECTRICAL CHARACTERISTICS (Continued)
Output Voltage Table (Continued)
NOMINAL OUTPUT VOLTAGE (V) VOUT(T) 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 OUTPUT VOLTAGE 1% IN HS MODE (V) VOUT1(E) MIN. 2.9700 3.0195 3.0690 3.1185 3.1680 3.2175 3.2670 3.3165 3.3660 3.4155 3.4650 3.5145 3.5640 3.6135 3.6630 3.7125 3.7620 3.8115 3.8610 3.9105 3.9600 MAX. 3.0300 3.0805 3.1310 3.1815 3.2320 3.2825 3.3330 3.3835 3.4340 3.4845 3.5350 3.5855 3.6360 3.6865 3.7370 3.7875 3.8380 3.8885 3.9390 3.9895 4.0400 OUTPUT VOLTAGE 2% IN PS MODE (V) VOUT1(E) MIN. 2.9400 2.9890 3.0380 3.0870 3.1360 3.1850 3.2340 3.2830 3.3320 3.3810 3.4300 3.4790 3.5280 3.5770 3.6260 3.6750 3.7240 3.7730 3.8220 3.8710 3.9200 MIN. 3.0600 3.1110 3.1620 3.2130 3.2640 3.3150 3.3660 3.4170 3.4680 3.5190 3.5700 3.6210 3.6720 3.7230 3.7740 3.8250 3.8760 3.9270 3.9780 4.0290 4.0800 OUTPUT VOLTAGE 3% IN PS MODE (V) VOUT2(E) MIN. 2.9100 2.9585 3.0070 3.0555 3.1040 3.1525 3.2010 3.2495 3.2980 3.3465 3.3950 3.4435 3.4920 3.5405 3.5890 3.6375 3.6860 3.7345 3.7830 3.8315 3.8800 MAX. 3.0900 3.1415 3.1930 3.2445 3.2960 3.3475 3.3990 3.4505 3.5020 3.5535 3.6050 3.6565 3.7080 3.7595 3.8110 3.8625 3.9140 3.9655 4.0170 4.0685 4.1200 LOAD REGULATION E-1 (mV) VOUT MIN. 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 30 MAX. 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 60 MIN. 95 95 95 95 95 95 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 DROPOUT VOLTAGE E-2 (mV) Vdif MIN. 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 120 MIN. 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 PS SWITCHING DELEAY TIME E-3 ( s) tDPS MAX. 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
8/30
XC6416
Series
OPERATIONAL DESCRIPTION
The voltage divided by resistors Rx1 & Rx2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the EN pin's signal.
< XC6416CD Series > XC6416C/D/G/H series can be set as a fixed high-speed (HS) mode or a green operation (GO) mode via a signal to the green operation (GO) pin. The IC operates in the GO mode when the GO pin becomes low level and the IC operates in the fixed high-speed mode when the GO pin becomes high level. The XC6416A/B/E/F series normally operates in GO mode because the GO signal is fixed to the VSS level inside the IC. The GO mode enables the IC to switch automatically the supply current to the high speed (HS) mode and the power save (PS) mode according to the level of output current. While having both high-speed operation and low supply current state, the series can acquire high efficiency. At the HS/PS automatic switching mode (GO mode), the switching point of the HS mode and the PS mode is being fixed inside the IC. When the output current becomes IGOR 1.5mA (TYP.) or below, the mode changes automatically to the PS mode after the delay time of hundreds s (TYP.), and it can reduce supply current in light load. Also when the output current becomes IGO 4mA (TYP.) or more, the mode changes automatically to the HS mode and the IC becomes high speed operation.
The XC6416 needs an output capacitor for phase compensation. The requested capacitance values are described in the table below. The device may go into unstable operation when the output capacitance reduction happens as a result of bias or temperature drift. Please choose a capacitor with less influence from temperature and bias. Also, please place 1.0 F input capacitor CL between VIN and VSS pins for stabilizing input supply voltage.
Output Capacitor Table
OUTPUT VOLTAGE 0.8V 2.4V 2.35V 4.0V
OUTPUT CAPACITOR CL CL 2.2 F 1.0 F
9/30
XC6416 Series
OPERATIONAL DESCRIPTION (Continued)
XC6416B/D/F/H series can quickly discharge the electric charge at the output capacitor (CL), when a low signal to the EN pin, which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM). The CL discharge resistance is set to 550 when VIN is 6.0V (TYP.) and VOUT is 4.0V (TYP.). Moreover, discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor value (CL) as ( =C x R), the output voltage after discharge via the N channel transistor is calculated by the following formulas. -t/ , or t= In ( V / VOUT ) V = VOUT x e V : Output voltage after discharge, VOUT(E) : Output voltage, t: Discharge time, : CL auto-discharge resistance R Output capacitor (CL) value C CL high-speed discharge function can be set by each regulator.
The XC6416 series includes a fold-back circuit, which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fold-back circuit operates and output voltage drops. As a result of this drop in output voltage, output current also decreases. When the output pin is shorted, a current of about 20mA (TYP.) flows. The IC's internal circuitry can be shutdown via the signal from the EN pin with the XC6416 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via Rx1 & Rx2. However, as for the XC6416B/D/F/H series, the CL auto-discharge resistor is connected in parallel to Rx1 and Rx2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level becomes short. The output voltage becomes unstable, when the EN pin is open. If this IC is used with the correct output voltage for the EN pin, the logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium voltage is input.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
10/30
XC6416
Series
TEST CIRCUITS
Circuit
Circuit
Circuit
*XC6416Ax/xA/Bx/xB/Ex/xE/Fx/xF do not have GO pin so that the test circuits
are different from the figures in this page.
11/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS
* EN and GO Voltage condition: Unless otherwise stated, VEN=VGO=VIN while the other channel is turned off VEN=VSS .
(1) Output Voltage vs. Output Current
12/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
13/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
GreenOperation mode (VGO=VSS)
14/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
15/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current
(4) Supply Current vs. Input Voltage
16/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage (Continued)
GreenOperation mode (VGO=VSS)
17/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature GreenOperation mode (VGO=VSS)
(6) EN Threshold Voltage vs. Ambient Temperature
(7) GO Threshold Voltage vs. Ambient Temperature
18/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) PS/HSSwitch Current vs. Ambient Temperature PS/HS GreenOperation mode (VGO=VSS)
19/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Rising Response Time
HS mode (VGO=VIN)
GreenOperation mode (VGO=VSS)
20/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Rising Response Time (Continued)
(10) EN Rising Response Time EN
21/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) EN Rising Response Time (Continued) GreenOperation mode (VGO=VSS)
(11) Input Transient Response HS mode (VGO=VIN)
22/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Input Transient Response (Continued)
GreenOperation mode (VGO=VSS)
Time: 1ms / div
Time: 1ms / div
Time: 1ms / div
Time: 1ms / div
23/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Load Transient Response
24/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Load Transient Response (Continued)
25/30
XC6416 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Load Transient Response (Continued)
(13) Ripple Rejection Rate
26/30
XC6416
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Ripple Rejection Rate (Continued)
(14) Cross Talk
27/30
XC6416 Series
PACKAGING INFORMATION
SOT-26
USP-6C
USP-6C Reference Pattern Layout
USP-6C Reference Metal Mask Design
28/30
XC6416
Series
PACKAGING INFORMATION (Continued)
USP-6C Power Dissipation Power dissipation data for the USP-6C is shown in this page. The value of power dissipation varies with the mount board conditions. Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data) Condition: Ambient: Soldering: Board: Mount on a board Natural convection Lead (Pb) free Dimensions 40 x 40 mm (1600 mm in one side) Copper (Cu) traces occupy 50% of the board area In top and back faces Package heat-sink is tied to the copper traces Material: Thickness: Glass Epoxy (FR-4) 1.6 mm
2
Through-hole: 4 x 0.8 Diameter Evaluation Board (Unit: mm) 2. Power Dissipation vs. Operating temperature Board Mount (Tj max = 125 )
Ambient Temperature 25 85
Power Dissipation Pd mW 1000 400
Thermal Resistance ( /W) 100
29/30
XC6416 Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. The products in this datasheet are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this datasheet within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this datasheet may be copied or reproduced without the prior permission of TOREX SEMICONDUCTOR LTD.
30/30


▲Up To Search▲   

 
Price & Availability of XC6416AG21ER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X